| Electronic Components Datasheet Search |
|
R5F72115D160FPV Datasheet(PDF) 720 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV Datasheet(HTML) 720 Page - Renesas Technology Corp |
|
720 / 1228 page ![]() Section 15 Serial Communication Interface with FIFO (SCIF) Rev. 2.00 May. 08, 2008 Page 696 of 1200 REJ09B0344-0200 Bit Bit Name Initial Value R/W Description 1 SPB2IO 0 R/W Serial Port Break Input/Output Indicates input or output of the serial port TXD pin. When the TXD pin is actually used as a port outputting the SPB2DT bit value, the TE bit in SCSCR should be cleared to 0. 0: SPB2DT bit value not output to TXD pin 1: SPB2DT bit value output to TXD pin 0 SPB2DT 0 R/W Serial Port Break Data Indicates the input data of the RXD pin and the output data of the TXD pin used as serial ports. Input/output is specified by the SPB2IO bit. When the TXD pin is set to output, the SPB2DT bit value is output to the TXD pin. The RXD pin status is read from the SPB2DT bit regardless of the SPB2IO bit setting. However, RXD input and TXD output must be set in the PFC. 0: Input/output data is low level 1: Input/output data is high level 15.3.12 Line Status Register (SCLSR) The CPU can always read or write to SCLSR, but cannot write 1 to the ORER flag. This flag can be cleared to 0 only if it has first been read (after being set to 1). SCLSR is initialized to H'0000 by a power-on reset. 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0000000000000000 R R R R R R R R R R R R R R R R/(W)* Bit: Initial value: R/W: Note: Only 0 can be written to clear the flag after 1 is read. * - - - - - - - - - - - - - - - ORER |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |