Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 724 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 724 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 720Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 721Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 722Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 723Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 724Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 725Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 726Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 727Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 728Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 724 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 700 of 1200
REJ09B0344-0200
Table 15.9
SCSMR Settings and SCIF Communication Formats
SCSMR Settings
SCIF Communication Format
Bit 7
C/
A
Bit 6
CHR
Bit 5
PE
Bit 3
STOP Mode
Data Length
Parity Bit
Stop Bit Length
0
0
0
0
8 bits
Not set
1 bit
1
2 bits
1
0
Set
1 bit
1
2 bits
1
0
0
7 bits
Not set
1 bit
1
2 bits
1
0
Set
1 bit
1
Asynchronous
2 bits
1
x
x
x
Clocked
synchronous
8 bits
Not set
None
[Legend]
x:
Don't care
Table 15.10 SCSMR and SCSCR Settings and SCIF Clock Source Selection
SCSMR
SCSCR
SCSCR
SCIF Transmit/Receive Clock
Bit 7
Bit 1
Bit 0
C/
A
CKE1
CKE0
Mode
Clock
Source
SCK Pin Function
0
0
SCIF does not use the SCK pin
1
Internal
Outputs a clock with a frequency 16
times the bit rate
1
0
External
Inputs a clock with frequency 16
times the bit rate
0
1
Asynchronous
Setting prohibited
0
x
Internal
Outputs the serial clock
1
1
0
Clocked
synchronous
External
Inputs the serial clock
1
Setting prohibited
[Legend]
x:
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com