Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 719 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 719 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 715Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 716Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 717Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 718Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 719Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 720Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 721Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 722Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 723Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 719 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 695 of 1200
REJ09B0344-0200
15.3.11
Serial Port Register (SCSPTR)
SCSPTR controls input/output and data of pins multiplexed to SCIF function. Bits 3 and 2 can
control input/output data of SCK pin. Bits 1 and 0 can input data from RXD pin and output data to
TXD pin, so they control break of serial transmitting/receiving.
The CPU can always read and write to SCSPTR. SCSPTR is initialized to H'0050 by a power-on
reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R
R
R
R
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
-
-
-
-
-
-
-
-
-
-
-
-
SCKIO SCKDT SPB2IO SPB2DT
Bit
Bit Name
Initial
Value
R/W
Description
15 to 4
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
3
SCKIO
0
R/W
SCK Port Input/Output
Indicates input or output of the serial port SCK pin.
When the SCK pin is actually used as a port outputting
the SCKDT bit value, the CKE[1:0] bits in SCSCR
should be cleared to 0.
0: SCKDT bit value not output to SCK pin
1: SCKDT bit value output to SCK pin
2
SCKDT
0
R/W
SCK Port Data
Indicates the input/output data of the serial port SCK
pin. Input/output is specified by the SCKIO bit. For
output, the SCKDT bit value is output to the SCK pin.
The SCK pin status is read from the SCKDT bit
regardless of the SCKIO bit setting. However, SCK
input/output must be set in the PFC.
0: Input/output data is low level
1: Input/output data is high level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com