Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 715 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 715 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 711Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 712Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 713Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 714Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 715Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 716Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 717Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 718Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 719Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 715 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 691 of 1200
REJ09B0344-0200
Table 15.6 indicates the maximum bit rates in asynchronous mode when the baud rate generator is
used. Tables 15.7 and 15.8 list the maximum bit rates when the external clock input is used.
Note: * Make sure that the electrical characteristics of this LSI and that of a connected LSI are
satisfied.
Table 15.6
Maximum Bit Rates for Various Frequencies with Baud Rate Generator
(Asynchronous Mode)
Settings
P
φ (MHz)
Maximum Bit Rate (bits/s)
n
N
32
1000000
0
0
36
1125000
0
0
40
1250000
0
0
Table 15.7
Maximum Bit Rates with External Clock Input (Asynchronous Mode)
P
φ (MHz)
External Input Clock (MHz)
Maximum Bit Rate (bits/s)
32
8.0000
500000
36
9.0000
562500
40
10.0000
625000
Table 15.8
Maximum Bit Rates with External Clock Input
(Clocked Synchronous Mode, t
Scyc = 12tpcyc)
P
φ (MHz)
External Input Clock (MHz)
Maximum Bit Rate (bits/s)
32
2.6667
2666666.7
36
3.0000
3000000.0
40
3.3333
3333333.3
Note:
Confirm that these bit rates meet the electrical characteristics of this LSI and the remote
communication device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com