Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 711 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 711 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 707Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 708Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 709Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 710Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 711Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 712Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 713Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 714Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 715Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 711 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 687 of 1200
REJ09B0344-0200
15.3.8
Bit Rate Register (SCBRR)
SCBRR is an 8-bit register that, together with the baud rate generator clock source selected by the
CKS[1:0] bits in the serial mode register (SCSMR), determines the serial transmit/receive bit rate.
The CPU can always read and write to SCBRR. SCBRR is initialized to H'FF by a power-on reset.
Each channel has independent baud rate generator control, so different values can be set in four
channels.
7654321
0
11111111
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
The SCBRR setting is calculated as follows:
• Asynchronous mode:
(1) In normal mode (when the ABCS bit in SCSEMR is 0)
N =
× 106 − 1
64
× 22n-1 × B
P
φ
(2) In serial extended mode (when the ABCS bit in SCSEMR is 1)
N =
× 106 − 1
32
× 22n-1 × B
P
φ
• Clocked synchronous mode:
N =
× 106 − 1
8
× 22n-1 × B
P
φ
B: Bit rate (bits/s)
N: SCBRR setting for baud rate generator (0
≤ N ≤ 255)
(The setting must satisfy the electrical characteristics.)
P
φ: Operating frequency for peripheral modules (MHz)
n: Baud rate generator clock source (n
= 0, 1, 2, 3) (for the clock sources and values of n,
see table 15.3.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com