Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 778 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 778 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 774Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 775Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 776Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 777Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 778Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 779Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 780Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 781Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 782Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 778 / 1228 page
background image
Section 16 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 May. 08, 2008 Page 754 of 1200
REJ09B0344-0200
16.4.6
Clocked Synchronous Serial Format
This module can be operated with the clocked synchronous serial format, by setting the FS bit in
SAR to 1. When the MST bit in ICCR1 is 1, the transfer clock output from SCL is selected. When
MST is 0, the external clock input is selected.
(1)
Data Transfer Format
Figure 16.13 shows the clocked synchronous serial transfer format.
The transfer data is output from the fall to the fall of the SCL clock, and the data at the rising edge
of the SCL clock is guaranteed. The MLS bit in ICMR sets the order of data transfer, in either the
MSB first or LSB first. The output level of SDA can be changed during the transfer wait, by the
SDAO bit in ICCR2.
SDA
SCL
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5 Bit 6
Bit 7
Figure 16.13 Clocked Synchronous Serial Transfer Format
(2)
Transmit Operation
In transmit mode, transmit data is output from SDA, in synchronization with the fall of the transfer
clock. The transfer clock is output when MST in ICCR1 is 1, and is input when MST is 0. For
transmit mode operation timing, refer to figure 16.14. The transmission procedure and operations
in transmit mode are described below.
1. Set the ICE bit in ICCR1 to 1. Set the MST and CKS[3:0] bits in ICCR1. (Initial setting)
2. Set the TRS bit in ICCR1 to select transmit mode. Then, TDRE in ICSR is set.
3. Confirm that TDRE has been set. Then, write the transmit data to ICDRT. The data is
transferred from ICDRT to ICDRS, and TDRE is set automatically. The continuous
transmission is performed by writing data to ICDRT every time TDRE is set. When changing
from transmit mode to receive mode, clear TRS while TDRE is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com