| Electronic Components Datasheet Search |
|
R5F72115D160FPV Datasheet(PDF) 779 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV Datasheet(HTML) 779 Page - Renesas Technology Corp |
|
779 / 1228 page ![]() Section 16 I 2C Bus Interface 3 (IIC3) Rev. 2.00 May. 08, 2008 Page 755 of 1200 REJ09B0344-0200 12 7 8 1 7 8 1 SCL TRS TDRE ICDRT ICDRS Bit 0 Data 1 Data 1 Data 2 Data 3 Data 2 Bit 6 Bit 7 Bit 0 Bit 6 Bit 7 Bit 0 Bit 1 SDA (Output) User processing [3] Write data to ICDRT [3] Write data to ICDRT [3] Write data to ICDRT [3] Write data to ICDRT [2] Set TRS Figure 16.14 Transmit Mode Operation Timing (3) Receive Operation In receive mode, data is latched at the rise of the transfer clock. The transfer clock is output when MST in ICCR1 is 1, and is input when MST is 0. For receive mode operation timing, refer to figure 16.15. The reception procedure and operations in receive mode are described below. 1. Set the ICE bit in ICCR1 to 1. Set bits CKS[3:0] in ICCR1. (Initial setting) 2. When the transfer clock is output, set MST to 1 to start outputting the receive clock. 3. When the receive operation is completed, data is transferred from ICDRS to ICDRR and RDRF in ICSR is set. When MST = 1, the next byte can be received, so the clock is continually output. The continuous reception is performed by reading ICDRR every time RDRF is set. When the 8th clock is risen while RDRF is 1, the overrun is detected and AL/OVE in ICSR is set. At this time, the previous reception data is retained in ICDRR. 4. To stop receiving when MST = 1, set RCVD in ICCR1 to 1, then read ICDRR. Then, SCL is fixed high after receiving the next byte data. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |