Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 782 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 782 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 778Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 779Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 780Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 781Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 782Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 783Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 784Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 785Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 786Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 782 / 1228 page
background image
Section 16 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 May. 08, 2008 Page 758 of 1200
REJ09B0344-0200
16.4.7
Noise Filter
The logic levels at the SCL and SDA pins are routed through noise filters before being latched
internally. Figure 16.17 shows a block diagram of the noise filter circuit.
The noise filter consists of three cascaded latches and a match detector. The SCL (or SDA) input
signal is sampled on the peripheral clock. When NF2CYC is set to 0, this signal is not passed
forward to the next circuit unless the outputs of both latches agree. When NF2CYC is set to 1, this
signal is not passed forward to the next circuit unless the outputs of three latches agree. If they do
not agree, the previous value is held.
C
Q
D
C
Q
D
C
Q
1
0
D
NF2CYC
SCL or SDA
input signal
Internal
SCL or SDA
signal
Sampling clock
Sampling
clock
Peripheral clock
cycle
Latch
Latch
Match
detector
Latch
Match
detector
Figure 16.17 Block Diagram of Noise Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com