Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 780 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 780 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 776Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 777Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 778Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 779Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 780Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 781Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 782Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 783Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 784Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 780 / 1228 page
background image
Section 16 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 May. 08, 2008 Page 756 of 1200
REJ09B0344-0200
Notes: Follow the steps below to receive only one byte with MST = 1 specified. See figure 16.16
for the operation timing.
1. Set the ICE bit in ICCR1 to 1. Set bits CKS[3:0] in ICCR1. (Initial setting)
2. Set MST = 1 while the RCVD bit in ICCR1 is 0. This causes the receive clock to be
output.
3. Check if the BC2 bit in ICMR is set to 1 and then set the RCVD bit in ICCR1 to 1.
This causes the SCL to be fixed to the high level after outputting one byte of the
receive clock.
12
7
8
1
7
8
1
2
SCL
MST
TRS
RDRF
ICDRS
ICDRR
SDA
(Input)
Bit 0
Bit 6
Bit 7
Bit 0
Bit 6
Bit 7
Bit 0
Bit 1
Bit 1
User
processing
Data 1
Data 1
Data 2
Data 2
Data 3
[2] Set MST
(when outputting the clock)
[3] Read ICDRR
[3] Read ICDRR
Figure 16.15 Receive Mode Operation Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com