Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 824 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 824 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 820Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 821Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 822Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 823Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 824Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 825Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 826Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 827Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 828Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 824 / 1228 page
background image
Section 18 D/A Converter (DAC)
Rev. 2.00 May. 08, 2008 Page 800 of 1200
REJ09B0344-0200
18.4
Operation
The D/A converter includes D/A conversion circuits for two channels, each of which can operate
independently. When the DAOE bit in DACR is set to 1, D/A conversion is enabled and the
conversion result is output.
An operation example of D/A conversion on channel 0 is shown below. Figure 18.2 shows the
timing of this operation.
1. Write the conversion data to DADR0.
2. Set the DAOE0 bit in DACR to 1 to start D/A conversion. The conversion result is output from
the analog output pin DA0 after the conversion time t
DCONV has elapsed. The conversion result
continues to be output until DADR0 is written to again or the DAOE0 bit is cleared to 0. The
output value is expressed by the following formula:
Contents of DADR
256
× AVref
3. If DADR0 is written to again, the conversion is immediately started. The conversion result is
output after the conversion time t
DCONV has elapsed.
4. If the DAOE0 bit is cleared to 0, analog output is disabled.
DADR0
DAOE0
DA0
tDCONV
tDCONV
Conversion data 1
Conversion
result 1
High-impedance state
DADR0
write cycle
Address
φ
DACR
write cycle
Conversion data 2
Conversion
result 2
[Legend]
tDCONV: D/A conversion time
DADR0
write cycle
DACR
write cycle
Figure 18.2 Example of D/A Converter Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com