Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 825 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 825 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 821Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 822Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 823Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 824Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 825Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 826Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 827Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 828Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 829Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 825 / 1228 page
background image
Section 18 D/A Converter (DAC)
Rev. 2.00 May. 08, 2008 Page 801 of 1200
REJ09B0344-0200
18.5
Usage Notes
18.5.1
Module Standby Mode Setting
Operation of the D/A converter can be disabled or enabled using the standby control register. The
initial setting is for operation of the D/A converter to be halted. Register access is enabled by
canceling module standby mode. For details, see section 23, Power-Down Modes.
18.5.2
D/A Output Hold Function in Software Standby Mode
When this LSI enters software standby mode with D/A conversion enabled, the D/A outputs are
retained, and the analog power supply current is equal to as during D/A conversion. If the analog
power supply current needs to be reduced in software standby mode, clear the DAOE0, DAOE1,
and DAE bits to 0 to disable the D/A outputs.
18.5.3
Setting Analog Input Voltage
The reliability of this LSI may be adversely affected if the following voltage ranges are exceeded.
1. AVcc and AVss input voltages
Input voltages AVcc and AVss should be Vcc
≤ AVcc ≤ 5.0 V ± 0.5 V and AVss = Vss. Do
not leave the AVcc and AVss pins open when the A/D converter or D/A converter is not in use
and in software standby mode. When not in use, connect AVcc to the power supply (VccQ)
and AVss to the ground (VssQ).
2. Setting range of AVREF input voltage
Set the voltage range of the AVREF pin as AVREF = AVcc ± 0.3 V when the A/D converter
or D/A converter is used, or as AVREF = AVcc when no A/D converter or D/A converter is
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com