Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 822 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 822 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 818Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 819Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 820Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 821Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 822Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 823Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 824Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 825Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 826Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 822 / 1228 page
background image
Section 18 D/A Converter (DAC)
Rev. 2.00 May. 08, 2008 Page 798 of 1200
REJ09B0344-0200
18.3.2
D/A Control Register (DACR)
DACR is an 8-bit readable/writable register that controls the operation of the D/A converter.
DACR is initialized to H'1F by a power-on reset or in module standby mode.
7654321
0
00011111
R/W
R/W
R/W
-
-
-
-
-
Bit:
Initial value:
R/W:
DAOE1 DAOE0
DAE
-----
Bit
Bit Name
Initial
Value
R/W
Description
7
DAOE1
0
R/W
D/A Output Enable 1
Controls D/A conversion and analog output for channel 1.
0: Analog output of channel 1 (DA1) is disabled
1: D/A conversion of channel 1 is enabled. Analog output
of channel 1 (DA1) is enabled.
6
DAOE0
0
R/W
D/A Output Enable 0
Controls D/A conversion and analog output for channel 0.
0: Analog output of channel 0 (DA0) is disabled
1: D/A conversion of channel 0 is enabled. Analog output
of channel 0 (DA0) is enabled.
5
DAE
0
R/W
D/A Enable
Used together with the DAOE0 and DAOE1 bits to control
D/A conversion. Output of conversion results is always
controlled by the DAOE0 and DAOE1 bits. For details,
see table 18.3.
0: D/A conversion for channels 0 and 1 is controlled
independently
1: D/A conversion for channels 0 and 1 is controlled
together
4 to 0
⎯
All 1
⎯
Reserved
These bits are always read as 1 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com