Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 818 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 818 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 814Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 815Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 816Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 817Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 818Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 819Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 820Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 821Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 822Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 818 / 1228 page
background image
Section 17 A/D Converter (ADC)
Rev. 2.00 May. 08, 2008 Page 794 of 1200
REJ09B0344-0200
17.7.5
Notes on Noise Countermeasures
To prevent damage due to an abnormal voltage, such as an excessive surge at the analog input pins
(AN0 to AN7) and analog reference power supply (AVREF), a protection circuit should be
connected between the AVcc and AVss, as shown in figure 17.8. The AVREFVss and AVss
should be the same voltage. Also, the bypass capacitors connected to AVREF and the filter
capacitor connected to ANn should be connected to the AVss. If a filter capacitor is connected as
shown in figure 17.8, the input currents at the analog input pin (ANn) are averaged, and an error
may occur. Careful consideration is therefore required when deciding the circuit constants.
4.5 V to 5.5 V
GND
10
μF
0.1
μF
0.1
μF
Analog input pin
(channel 0 to 7)
100
Ω
0.1
μF
AVCC
AVSS
AVREFH
AVREFVSS
AN0 to AN7
SH7211F
Figure 17.8 Example of Analog Input Pin Protection Circuit
17.7.6
Notes on Register Setting
• Set the ADST bit in the A/D control register (ADCR) after the A/D start trigger select register
(ADSTRGR) and the A/D analog input channel select register (ADANSR) have been set. Do
not modify the settings of the ADCS, ACE, ADIE, TRGE, and EXTRG bits while the ADST
bit in the ADCR register is set to 1.
• Do not start the A/D conversion when the ANS bits (ANS[7:0]) in the A/D analog input
channel select register (ADANSR) are all 0.
17.7.7
Treatment of AVcc and AVss When the A/D Converter is Not Used
When the A/D converter is not used, it is recommended that AVcc be connected to VccQ and
AVss be connected to VssQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com