Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 817 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 817 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 813Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 814Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 815Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 816Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 817Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 818Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 819Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 820Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 821Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 817 / 1228 page
background image
Section 17 A/D Converter (ADC)
Rev. 2.00 May. 08, 2008 Page 793 of 1200
REJ09B0344-0200
17.7
Usage Notes
17.7.1
Analog Input Voltage Range
The voltage applied to analog input pin (ANn) during A/D conversion should be in the range
AVss
≤ ANn (n = 0 to 7) ≤ AVcc.
17.7.2
Relationship between AVcc, AVss and Vcc, Vss
When using the A/D converter, set AVcc = 5.0 V
±0.5 V and AVss = Vss. When the A/D
converter is not used, set Vcc
≤ AVcc ≤ 5.0V ±0.5V, AVss = Vss, and do not leave the AVcc pin
open.
17.7.3
Range of AVREF Pin Settings
Set AVREF = AVcc
±0.3 V and AVREFVss = AVss ±0.3 V. If these conditions are not met, the
reliability of the LSI may be adversely affected.
17.7.4
Notes on Board Design
In board design, digital circuitry and analog circuitry should be as mutually isolated as possible,
and the layout in which the digital circuit signal lines and analog circuit signal lines cross or are in
close proximity to each other should be avoided as much as possible. Failure to do so may result in
the incorrect operation of the analog circuitry due to inductance, adversely affecting the A/D
conversion values.
Also, digital circuitry must be isolated from the analog input signals (AN0 to AN7), analog
reference power supply (AVREF), the analog power supply (AVcc), the analog ground (AVss),
and the analog reference ground (AVREFVss). Also, AVss should be connected at one point to a
stable digital ground (Vss) on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com