Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 813 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 813 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 809Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 810Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 811Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 812Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 813Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 814Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 815Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 816Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 817Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 813 / 1228 page
background image
Section 17 A/D Converter (ADC)
Rev. 2.00 May. 08, 2008 Page 789 of 1200
REJ09B0344-0200
When the ACE bit is 0 (initial value) and the A/D conversion result (H'0222) is not written to
ADDR for some reason, the old data (H'0111) becomes the ADDR value. In addition, when the
ADDR value is read into a general register using an A/D conversion end interrupt, the old data
(H'0111) is stored in the general register. To detect a renewal failure, every time the old data needs
to be stored in the RAM, a general register, etc.
When the ACE bit is 1, reading ADDR
= H'0111 by the CPU or DMAC automatically clears
ADDR to H'0000. After this, if the A/D conversion result (H'0222) cannot be transferred to
ADDR for some reason, the cleared data (H'0000) remains as the ADDR value. When this ADDR
value is read into a general register, H'0000 is stored in the general register. Just by checking
whether the read data value is H'0000 or not allows the detection of non-updated ADDR states.
A/D conversion result
A/D conversion result
• ACE bit = 0 (Normal condition: Auto-clear function is disabled.)
• ACE bit = 1 (Auto-clear function is enabled.)
A/D data register (ADDR)
A/D conversion end interrupt
RAM, general register etc.
H'0111
H'0222
H'0333
H'0444
ADDR renewal failure
Read
Read
Read
Because ADDR is not renewed, old data is used.
However, it is impossible to know that the data is old or not.
Automatic clearing
after read
When H'0000 is read, a failure is detected by software.
H'0111
H'0000
H'0333
H'0111
H'0000
H'0333
H'0000
A/D data register (ADDR)
A/D conversion end interrupt
RAM, general register etc.
H'0111
H'0222
H'0333
H'0444
ADDR renewal failure
Read
Read
Read
H'0111
H'0333
H'0111
H'0333
Automatic clearing
after read
Automatic clearing
after read
Figure 17.6 Example of When ADDR Auto-clear Function is
Disabled (Normal Condition)/Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com