Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 809 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 809 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 805Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 806Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 807Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 808Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 809Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 810Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 811Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 812Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 813Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 809 / 1228 page
background image
Section 17 A/D Converter (ADC)
Rev. 2.00 May. 08, 2008 Page 785 of 1200
REJ09B0344-0200
17.4.3
Input Sampling and A/D Conversion Time
The A/D converter has a built-in sample-and-hold circuit common to all the channels. Each of
channels 0 to 2 of the A/D converter has a dedicated built-in sample-and-hold circuit. Channels 0
to 2 can be simultaneously sampled as one group. This group is referred to as Group A (GrA) (in
table 17.5). Even when only one channel is selected in the group by ADANSR, the sample-and-
hold operation is performed with the dedicated sample-and-hold circuit. When only the channels
without a dedicated sample-and-hold circuit are specified by ADANSR, the time that elapses is the
same as when a dedicated sample-and-hold circuit is used.
When an event that sets the ADST bit, for example, writing to this bit by the CPU, A/D converter
activation request from the MTU2, the MTU2S, or an external trigger signal occurs, the analog
input is sampled by the dedicated sample-and-hold circuit for each channel after the A/D
conversion start delay time (t
D) has passed and the offset canceling processing (OFC) is
performed. After this, the sampling of the analog input using the sample-and-hold circuit common
to all the channels is performed and then the A/D conversion is started. Figure 17.4 shows the A/D
conversion timing in this case. This A/D conversion time (t
CONV) includes the tD, the offset
canceling processing time (t
OFC), the analog input sampling time with a dedicated sample-and-hold
circuit for each channel (t
SPLSH), and the analog input sampling time with the sample-and-hold
circuit common to all the channels (t
SPL). The tSPLSH does not depend on the number of channels
simultaneously sampled.
In continuous scan mode, the A/D conversion time (t
CONV) given in table 17.6 applies to the
conversion time of the first cycle. The conversion time of the second and subsequent cycles is
expressed as (t
CONV − tD + 6).
Table 17.5
Correspondence between Analog Input Channels and Groups being Allowed
Simultaneous Sampling
Analog Input Channels
Group
AN0
GrA
AN1
AN2
AN3
⎯
AN4
⎯
AN5
⎯
AN6
⎯
AN7
⎯



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com