Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 812 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 812 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 808Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 809Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 810Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 811Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 812Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 813Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 814Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 815Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 816Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 812 / 1228 page
background image
Section 17 A/D Converter (ADC)
Rev. 2.00 May. 08, 2008 Page 788 of 1200
REJ09B0344-0200
17.4.5
External Trigger Input Timing
The A/D conversion can be externally triggered. To input an external trigger, set the pin function
controller (PFC) to select
ADTRG pin function and drive the ADTRG pin low when a high level
is input to the
ADTRG pin with the TRGE and EXTRG bits in ADCR are both set to 1. A falling
edge of the
ADTRG pin sets the ADST bit in ADCR to 1, starting the A/D conversion. Other
operations are conducted in the same way for all A/D conversion activation sources. Figure 17.5
shows the timing.
The ADST bit is set to 1 after 5 states has elapsed from the point at which the A/D converter
detects a falling edge on the
ADTRG pin. A low level input to the ADTRG pin must be made after
the ADCR, ADSTRGR, and ADANSR registers have been set.
A/D conversion
P
φ
ADTRG
External trigger
signal
ADST
Figure 17.5 External Trigger Input Timing
17.4.6
Example of ADDR Auto-Clear Function
When the A/D data register (ADDR) is read by the CPU or DMAC, ADDR can be automatically
cleared to H'0000 by setting the ACE bit in ADCR to 1. This function allows the detection of non-
updated ADDR states.
Figure 17.6 shows an example of when the auto-clear function of ADDR is disabled (normal state)
and enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com