Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 810 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 810 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 806Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 807Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 808Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 809Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 810Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 811Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 812Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 813Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 814Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 810 / 1228 page
background image
Section 17 A/D Converter (ADC)
Rev. 2.00 May. 08, 2008 Page 786 of 1200
REJ09B0344-0200
Table 17.6
A/D Conversion Time
Number of Required States
Item
Symbol
Min.
Typ.
Max.
A/D conversion start delay time
t
D
11*
1
⎯
15*
2
Analog input sampling time of dedicated
sample-and-hold circuit for GrA and GrB
t
SPLSH
⎯
30
⎯
Offset canceling processing time
t
OFC
⎯
50
⎯
Analog input sampling time of sample-
and-hold circuit common to all channels
t
SPL
⎯
20
⎯
A/D conversion complete processing
t
end
⎯
4
⎯
A/D conversion time
t
CONV
50n + 95*
3
⎯
50n + 99*
3
Notes: 1. A/D converter activation by the MTU2 or MTU2S trigger signal.
2. A/D converter activation by an external trigger signal.
3. n: number of A/D conversion channels (n = 1 to 8)
tOFC
OFC
ADDR
Conversion time
per channel
50 states
A
φ = 40 MHz: 1.25 μs
ADF
ADST
TRGAN
(MTU2, MTU2S trigger signal)
A/D conversion time (tCONV)
tD
Sampling and
hold time (tSPLSH)
Sampling and
hold time (tSPL)
Conversion complete
processing (tend)
A/D
converter
Waiting
Waiting
Sample-
and-hold
A/D conversion
End of A/D
conversion
Sample-
and-hold
Figure 17.4 A/D Conversion Timing (Single-Cycle Scan Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com