Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 807 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 807 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 803Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 804Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 805Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 806Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 807Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 808Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 809Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 810Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 811Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 807 / 1228 page
background image
Section 17 A/D Converter (ADC)
Rev. 2.00 May. 08, 2008 Page 783 of 1200
REJ09B0344-0200
17.4.2
Continuous Scan Mode
The following example shows the operation when analog input 0, 2, and 3 (AN0, AN2, AN3) are
selected and the A/D conversion is performed in continuous scan mode using the three channels.
This operation also applies to the A/D_1 conversion.
1. Set the ADCS bit in the A/D control register (ADCR) to 0.
2. Set all bits of ANS0, ANS2, and ANS3 in the A/D analog input channel select register
(ADANSR) to 1.
3. Set the ADST bit in the A/D control register (ADCR) to 1 to start A/D conversion.
4. Channels 0 and 2 (GrA) are sampled simultaneously. As the ANS1 bit in ADANSR is set to 0,
channel 1 is not sampled. After this, offset canceling processing (OFC) is performed. Then the
A/D conversion on channel 0 is started. Upon completion of the A/D conversion, the A/D
conversion result is transferred to ADDR0. In the same way, channel 2 is converted and the
A/D conversion result is transferred to ADDR2. The A/D conversion is not performed on
channel 1.
5. The A/D conversion of channel 3 starts. Upon completion of the A/D conversion, the A/D
conversion result is transferred to ADDR3.
6. When the A/D conversion ends on all the specified channels (AN0 to AN3), the ADF bit is set
to 1. At this time, if the ADIE bit is set to 1, an ADI interrupt is generated after the A/D
conversion.
7. Steps 4 to 6 are repeated as long as the ADST bit remains set to 1. When the ADST bit is
cleared to 0, the A/D conversion stops. After this, if the ADST bit is set to 1, the A/D
conversion starts again and repeats steps 4 to 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com