Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 804 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 804 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 800Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 801Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 802Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 803Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 804Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 805Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 806Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 807Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 808Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 804 / 1228 page
background image
Section 17 A/D Converter (ADC)
Rev. 2.00 May. 08, 2008 Page 780 of 1200
REJ09B0344-0200
17.3.5
A/D Data Registers 0 to 7 (ADDR0 to ADDR7)
ADDRs are 16-bit read-only registers. The conversion result for each analog input channel is
stored in ADDR with the corresponding number. (See table 17.4.)
The converted 12-bit data is stored in bits 11 to 0.
The initial value of ADDR is H'0000.
After ADDR is read, ADDR can be automatically cleared to H'0000 by setting the ACE bit in
ADCR to 1.
Bit:
Initial value:
R/W:
15
14
13
12
11
10
987654321
0
0000000000000000
RRRRRRRRRRRRRRRR
-
-
-
-
ADD[11:0]
Bit
Bit Name
Initial
Value
R/W
Description
15 to 12
⎯
All 0
R
Reserved
11 to 0
ADD[11:0]
All 0
R
12-bit data
Table 17.4
Correspondence between Analog Channels and Registers (ADDR0 to ADDR7)
Analog Input Channels
A/D Data Registers
AN0
ADDR0
AN1
ADDR1
AN2
ADDR2
AN3
ADDR3
AN4
ADDR4
AN5
ADDR5
AN6
ADDR6
AN7
ADDR7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com