Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 805 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 805 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 801Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 802Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 803Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 804Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 805Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 806Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 807Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 808Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 809Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 805 / 1228 page
background image
Section 17 A/D Converter (ADC)
Rev. 2.00 May. 08, 2008 Page 781 of 1200
REJ09B0344-0200
17.4
Operation
The A/D converter has two operating modes: single-cycle scan mode and continuous scan mode.
In single-cycle scan mode, A/D conversion is performed once on one or more specified channels
and then it ends. In continuous scan mode, the A/D conversion is performed sequentially on one or
more specified channels until the ADST bit is cleared to 0.
The ADCS bit in the A/D control register (ADCR) is used to select the operating mode. Setting
the ADCS bit to 0 selects single-cycle scan mode and setting the ADCS bit to 1 selects continuous
scan mode. In both modes, A/D conversion starts on the channel with the lowest number in the
analog input channels selected by the A/D analog input channel select register (ADANSR) from
AN0 to AN7.
In single-cycle scan mode, when one cycle of A/D conversion on all specified channels is
completed, the ADF bit in ADSR is set to 1 and the ADST bit is automatically cleared to 0. In
continuous scan mode, when conversion on all specified channels is completed, the ADF bit in
ADSR is set to 1. To stop A/D conversion, write 0 to the ADST bit. When the ADF bit is set to 1,
if the ADIE bit in ADCR is set to 1, an A/D conversion end interrupt (ADI) is generated. When
clearing the ADF bit to 0, read the ADF bit while set to 1 and then write 0. However, when the
DMAC is activated by an ADI interrupt, the ADF bit is automatically cleared to 0.
17.4.1
Single-Cycle Scan Mode
The following example shows the operation when analog input channels 0 to 3 (AN0 to AN3) are
selected and the A/D conversion is performed in single-cycle scan mode using four channels.
1. Set the ADCS bit in the A/D control register (ADCR) to 0.
2. Set all bits ANS0 to ANS3 in the A/D analog input channel select register (ADANSR) to 1.
3. Set the ADST bit in the A/D control register (ADCR) to 1 to start A/D conversion.
4. After channels 0 to 2 (GrA) are sampled simultaneously, offset canceling processing (OFC) is
performed. Then, A/D conversion is performed on channel 0. Upon completion of the A/D
conversion, the A/D conversion result is transferred to ADDR0. Following this, channel 1 is
converted. Upon completion of the conversion, the A/D conversion result is transferred to
ADDR1. In the same way, channel 2 is converted and the A/D conversion result is transferred
to ADDR2.
A/D conversion of channel 3 is then started. Upon completion of the A/D conversion, the A/D
conversion result is transferred to ADDR3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com