Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 803 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 803 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 799Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 800Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 801Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 802Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 803Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 804Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 805Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 806Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 807Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 803 / 1228 page
background image
Section 17 A/D Converter (ADC)
Rev. 2.00 May. 08, 2008 Page 779 of 1200
REJ09B0344-0200
17.3.4
A/D Analog Input Channel Select Register (ADANSR)
ADANSR is an 8-bit readable/writable register that selects an analog input channel.
Bit:
Initial value:
R/W:
7654321
0
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Setting bits in the A/D analog input channel select
register to 1 selects a channel that corresponds to a
specified bit. For the correspondence between analog
input pins and bits, see table 17.3.
When changing the analog input channel, the ADST bit in
ADCR must be cleared to 0 to prevent incorrect
operations.
Table 17.3
Channel Select List
Bit Name
Analog Input Channels
ANS0
AN0
ANS1
AN1
ANS2
AN2
ANS3
AN3
ANS4
AN4
ANS5
AN5
ANS6
AN6
ANS7
AN7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com