Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 799 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 799 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 795Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 796Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 797Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 798Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 799Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 800Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 801Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 802Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 803Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 799 / 1228 page
background image
Section 17 A/D Converter (ADC)
Rev. 2.00 May. 08, 2008 Page 775 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
0
EXTRG
0
R/W
Trigger Select
Selects the external trigger (
ADTRG) or an A/D conversion
start trigger from the MTU2 or MTU2S as an A/D
conversion start trigger.
When the external trigger is selected (EXTRG
= 1), upon
input of a low-level pulse to the
ADTRG pin after the
TRGE bit is set to 1, the A/D converter detects the falling
edge of the pulse, and sets the ADST bit in ADCR to 1.
The operation which is performed when 1 is written to the
ADST bit by software is subsequently performed. A/D
conversion start by the external trigger input is enabled
only when the ADST bit is cleared to 0.
When the external trigger is used as an A/D conversion
start trigger, the low-level pulse input to the ADTRG pin
must be at least 1.5 A
φ clock cycles in width.
0: A/D converter is started by the A/D conversion start
trigger from the MTU2 or MTU2S
1: A/D converter is started by the external pin (
ADTRG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com