Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 798 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 798 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 794Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 795Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 796Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 797Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 798Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 799Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 800Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 801Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 802Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 798 / 1228 page
background image
Section 17 A/D Converter (ADC)
Rev. 2.00 May. 08, 2008 Page 774 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
ADIE
0
R/W
A/D Interrupt Enable
Enables or disables the generation of A/D conversion end
interrupts (ADI) to the CPU. Operating modes must be
changed when the ADST bit is 0 to prevent incorrect
operations.
When A/D conversion ends and the ADF bit in ADSR is
set to 1 and this bit is set to 1, ADI is sent to the CPU. By
clearing the ADF bit or the ADIE bit to 0, ADI can be
cleared.
In addition, ADIE activates the DMAC when an ADI is
generated. At this time, no interrupt to the CPU is
generated.
0: Generation of A/D conversion end interrupt is disabled
1: Generation of A/D conversion end interrupt is enabled
3, 2
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
1
TRGE
0
R/W
Trigger Enable
Enables or disables A/D conversion start by the external
trigger input (
ADTRG) or A/D conversion start triggers
from the MTU2 and MTU2S (TRGAN, TRG0N, TRG4AN,
and TRG4BN from the MTU2 and TRGAN, TRG4AN, and
TRG4BN from the MTU2S). For selection of the external
trigger and A/D conversion start trigger from the MTU2 or
MTU2S, see the description of the EXTRG bit.
0: A/D conversion start by the external trigger or an A/D
conversion start trigger from the MTU or MTU2S is
disabled
1: A/D conversion start by the external trigger or an A/D
conversion start trigger from the MTU2 or MTU2S is
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com