Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 815 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 815 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 811Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 812Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 813Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 814Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 815Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 816Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 817Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 818Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 819Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 815 / 1228 page
background image
Section 17 A/D Converter (ADC)
Rev. 2.00 May. 08, 2008 Page 791 of 1200
REJ09B0344-0200
17.6
Definitions of A/D Conversion Accuracy
This LSI's A/D conversion accuracy definitions are given below.
• Resolution
The number of A/D converter digital conversion output codes
• Offset error
The deviation of the actual A/D conversion characteristic from the ideal A/D conversion
characteristic when the digital output value changes from the minimum voltage value (zero
voltage) B'000000000000 to B'000000000001. Does not include a quantization error (see
figure 17.7).
• Full-scale error
The deviation of the actual A/D conversion characteristic from the ideal A/D conversion
characteristic when the digital output value changes from B'111111111110 to the maximum
voltage value (full-scale voltage) B'111111111111. Does not include a quantization error (see
figure 17.7).
• Quantization error
The deviation inherent in the A/D converter, given by 1/2 LSB (see figure 17.7).
• Nonlinearity error
The deviation of the actual A/D conversion characteristic from the ideal A/D conversion
characteristic between zero voltage and full-scale voltage. Does not include offset error, full-
scale error, or quantization error (see figure 17.7).
• Absolute accuracy
The deviation between the digital value and the analog input value. Includes offset error, full-
scale error, quantization error, and nonlinearity error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com