Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 833 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 833 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 829Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 830Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 831Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 832Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 833Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 834Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 835Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 836Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 837Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 833 / 1228 page
background image
Section 19 Pin Function Controller (PFC)
Rev. 2.00 May. 08, 2008 Page 809 of 1200
REJ09B0344-0200
19.1
Register Descriptions
The PFC has the following registers.
Table 19.5
Register Configuration
Register Name
Abbreviation R/W
Initial Value Address
Access Size
Port A I/O register H
PAIORH
R/W
H'0000
H'FFFE3804 8, 16, 32
Port A I/O register L
PAIORL
R/W
H'0000
H'FFFE3806 8, 16
Port A control register H3
PACRH3
R/W
H'0000/
H'0011
H'FFFE380A 8, 16
Port A control register H2
PACRH2
R/W
H'0000/
H'1111
H'FFFE380C 8, 16, 32
Port A control register H1
PACRH1
R/W
H'0000/
H'1111
H'FFFE380E 8, 16
Port A control register L4
PACRL4
R/W
H'0000/
H'1111
H'FFFE3810 8, 16, 32
Port A control register L3
PACRL3
R/W
H'0000/
H'1111
H'FFFE3812 8, 16
Port A control register L2
PACRL2
R/W
H'0000/
H'1111
H'FFFE3814 8, 16, 32
Port A control register L1
PACRL1
R/W
H'0000/
H'1111
H'FFFE3816 8, 16
Port B I/O register H
PBIORH
R/W
H'0000
H'FFFE3884 8, 16, 32
Port B I/O register L
PBIORL
R/W
H'0000
H'FFFE3886 8, 16
Port B control register H4
PBCRH4
R/W
H'0000
H'FFFE3888 8, 16, 32
Port B control register H3
PBCRH3
R/W
H'0000
H'FFFE388A 8, 16
Port B control register H2
PBCRH2
R/W
H'0000
H'FFFE388C 8, 16, 32
Port B control register H1
PBCRH1
R/W
H'0000/
H'0001
H'FFFE388E 8, 16
Port B control register L4
PBCRL4
R/W
H'0000
H'FFFE3890 8, 16, 32
Port B control register L3
PBCRL3
R/W
H'0000/
H'0011
H'FFFE3892 8, 16
Port B control register L2
PBCRL2
R/W
H'0000
H'FFFE3894 8, 16, 32
Port B control register L1
PBCRL1
R/W
H'0000/
H'0101/
H'1101
H'FFFE3896 8, 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com