Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 836 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 836 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 832Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 833Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 834Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 835Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 836Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 837Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 838Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 839Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 840Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 836 / 1228 page
background image
Section 19 Pin Function Controller (PFC)
Rev. 2.00 May. 08, 2008 Page 812 of 1200
REJ09B0344-0200
19.1.2
Port A Control Registers H1 to H3, L1 to L4 (PACRH1 to PACRH3, PACRL1 to
PACRL4)
PACRH1 to PACRH3 and PACRL1 to PACRL4 are 16-bit readable/writable registers that are
used to select the functions of the multiplexed pins on port A.
PACRH1 to PACRH3 and PACRL1 to PACRL4 are initialized to the values shown in table 19.5
by a power-on reset; but are not initialized by a manual reset or in sleep mode or software standby
mode.
(1)
Port A Control Register H3 (PACRH3)
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R
R/W
R/W
R/W
---------
-
PA25MD[2:0]
PA24MD[2:0]
Bit
Bit Name
Initial
Value
R/W
Description
15 to 7
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
6 to 4
PA25MD[2:0] 000*
R/W
PA25 Mode
Select the function of the
PA25/A25/IRQ7/TIOC0D/TXD1 pin.
• Area 0: 16-bit mode/8-bit mode
000: PA25 I/O (port)
001: A25 output (BSC) (initial value)
010: Setting prohibited
011: IRQ7 input (INTC)
100: TIOC0D I/O (MTU2)
101: TXD1 output (SCIF)
110: Setting prohibited
111: Setting prohibited
3
⎯
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com