Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 837 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 837 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 833Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 834Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 835Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 836Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 837Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 838Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 839Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 840Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 841Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 837 / 1228 page
background image
Section 19 Pin Function Controller (PFC)
Rev. 2.00 May. 08, 2008 Page 813 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
2 to 0
PA24MD[2:0] 000*
R/W
PA24 Mode
Select the function of the
PA24/A24/IRQ6/TIOC0C/RXD1 pin.
• Area 0: 16-bit mode/8-bit mode
000: PA24 I/O (port)
001: A24 output (BSC) (initial value)
010: Setting prohibited
011: IRQ6 input (INTC)
100: TIOC0C I/O (MTU2)
101: RXD1 input (SCIF)
110: Setting prohibited
111: Setting prohibited
Note:
*
The initial value depends on the operating mode of the LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com