Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 835 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 835 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 831Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 832Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 833Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 834Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 835Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 836Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 837Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 838Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 839Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 835 / 1228 page
background image
Section 19 Pin Function Controller (PFC)
Rev. 2.00 May. 08, 2008 Page 811 of 1200
REJ09B0344-0200
19.1.1
Port A I/O Registers H, L (PAIORH, PAIORL)
PAIORH and PAIORL are 16-bit readable/writable registers that are used to set the pins on port A
as inputs or outputs. Bits PA25IOR to PA0IOR correspond to pins PA25 to PA0. PAIORH and
PAIORL are enabled when the port A pins are functioning as general-purpose inputs/outputs
(PA25 to PA0) and for the TIOC input/output of the MTU2. In other states, they are disabled. A
given pin on port A will be an output pin if the corresponding bit in PAIORH or PAIORL is set to
1, and an input pin if the bit is cleared to 0.
Bits 15 to 10 of PAIORH are reserved. These bits are always read as 0. The write value should
always be 0.
PAIORH and PAIORL are initialized to H'0000 by a power-on reset; but are not initialized by a
manual reset or in sleep mode or software standby mode.
(1)
Port A I/O Register H (PAIORH)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
--
--
-
-
PA25
IOR
PA24
IOR
PA23
IOR
PA22
IOR
PA21
IOR
PA20
IOR
PA19
IOR
PA18
IOR
PA17
IOR
PA16
IOR
(2)
Port A I/O Register L (PAIORL)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
PA13
IOR
PA12
IOR
PA11
IOR
PA9
IOR
PA8
IOR
PA7
IOR
PA6
IOR
PA5
IOR
PA4
IOR
PA3
IOR
PA2
IOR
PA1
IOR
PA0
IOR
PA15
IOR
PA14
IOR
PA10
IOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com