Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 917 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 917 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 913Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 914Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 915Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 916Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 917Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 918Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 919Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 920Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 921Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 917 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 893 of 1200
REJ09B0344-0200
21.2.6
Programming/Erasing Interface
Programming/erasing is executed by downloading the on-chip program to the on-chip RAM and
specifying the program address/data and erase block by using the interface registers/parameters.
The procedure program is made by the user in user program mode and user boot mode. The
overview of the procedure is as follows. For details, see section 21.5.2, User Program Mode.
Download on-chip
program by setting VBR,
FKEY, and SCO bits.
Initialization execution
(on-chip program execution)
Select on-chip program
to be downloaded and
set download destination
Programming (in 256-byte
units) or erasing (in
one-block units)
(on-chip program execution)
Start user procedure
program for
programming/erasing.
End user procedure
program
Programming/
erasing
completed?
No
Yes
Figure 21.5 Overview of User Procedure Program
(1) Selection of On-Chip Program to be Downloaded and Setting of Download Destination
This LSI has programming/erasing programs and they can be downloaded to the on-chip
RAM. The on-chip program to be downloaded is selected by setting the corresponding bits in
the programming/erasing interface registers. The download destination can be specified by
FTDAR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com