Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 919 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 919 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 915Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 916Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 917Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 918Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 919Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 920Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 921Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 922Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 923Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 919 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 895 of 1200
REJ09B0344-0200
21.3
Input/Output Pins
Flash memory is controlled by the pins as shown in table 21.3.
Table 21.3
Pin Configuration
Pin Name
Symbol
Input/Output
Function
Power-on reset
RES
Input
Reset
Flash programming
enable
FWE
Input
Hardware protection when
programming flash memory
Mode 1
MD1
Input
Sets operating mode of this LSI
Mode 0
MD0
Input
Sets operating mode of this LSI
Transmit data
TXD1 (PA25)
Output
Serial transmit data output (used in
boot mode)
Receive data
RXD1 (PA24)
Input
Serial receive data input (used in boot
mode)
21.4
Register Descriptions
21.4.1
Registers
The registers/parameters which control flash memory when the on-chip flash memory is valid are
shown in table 21.4.
There are several operating modes for accessing flash memory, for example, read mode/program
mode.
There are two memory MATs: user MAT and user boot MAT. The dedicated registers/parameters
are allocated for each operating mode and MAT selection. The correspondence of operating modes
and registers/parameters for use is shown in table 21.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com