Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 923 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 923 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 919Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 920Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 921Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 922Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 923Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 924Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 925Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 926Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 927Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 923 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 899 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
FLER
0
R
Flash Memory Error
Indicates an error occurs during programming and erasing
flash memory.
When FLER is set to 1, flash memory enters the error
protection state.
When FLER is set to 1, high voltage is applied to the
internal flash memory. To reduce the damage to flash
memory, the reset signal must be released after the reset
period of 100
μs which is longer than normal.
0: Flash memory operates normally
Programming/erasing protection for flash memory (error
protection) is invalid.
[Clearing condition]
At a power-on reset
1: Indicates an error occurs during programming/erasing
flash memory.
Programming/erasing protection for flash memory (error
protection) is valid.
[Setting condition]
See section 21.6.3, Error Protection.
3 to 1
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com