Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 926 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 926 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 922Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 923Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 924Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 925Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 926Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 927Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 928Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 929Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 930Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 926 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 902 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
0
EPVB
0
R/W
Erase Pulse Verify Block
Selects the erasing program.
0: On-chip erasing program is not selected
[Clearing condition]
When transfer is completed
1: On-chip erasing program is selected
(4)
Flash Key Code Register (FKEY)
FKEY is a register for software protection that enables download of the on-chip program and
programming/erasing of flash memory. Before setting the SCO bit to 1 in order to download the
on-chip program or executing the downloaded programming/erasing program, these processings
cannot be executed if the key code is not written.
Bit:
Initial value:
R/W:
7654321
0
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
K[7:0]
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
K[7:0]
All 0
R/W
Key Code
Only when H'A5 is written, writing to the SCO bit is valid.
When a value other than H'A5 is written to FKEY, 1
cannot be written to the SCO bit. Therefore downloading
to the on-chip RAM cannot be executed.
Only when H'5A is written, programming/erasing of flash
memory can be executed. Even if the on-chip
programming/erasing program is executed, flash memory
cannot be programmed or erased when a value other than
H'5A is written to FKEY.
H'A5: Writing to the SCO bit is enabled (The SCO bit
cannot be set by a value other than H'A5.)
H'5A: Programming/erasing is enabled (A value other than
H'5A enables software protection state.)
H'00: Initial value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com