Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 928 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 928 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 924Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 925Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 926Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 927Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 928Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 929Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 930Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 931Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 932Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 928 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 904 of 1200
REJ09B0344-0200
(6)
Flash Transfer Destination Address Register (FTDAR)
FTDAR specifies the on-chip RAM address to which the on-chip program is downloaded. Make
settings for FTDAR before writing 1 to the SCO bit in FCCS. The initial value is H'00 which
points to the start address (H'FFF81000) in on-chip RAM.
Bit:
Initial value:
R/W:
7654321
0
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TDER
TDA[6:0]
Bit
Bit
Name
Initial
Value R/W
Description
7
TDER
0
R/W
Transfer Destination Address Setting Error
This bit is set to 1 when there is an error in the download start
address set by bits 6 to 0 (TDA6 to TDA0). Whether the address
setting is erroneous or not is tested by checking whether the
setting of TDA6 to TDA0 is in the range of H'00 to H'05 after
setting the SCO bit in FCCS to 1 and performing download.
Before setting the SCO bit to 1 be sure to set the FTDAR value
between H'00 to H'05 as well as clearing this bit to 0.
0: Setting of TDA6 to TDA0 is normal
1: Setting of TDER and TDA6 to TDA0 is H'06 to H'FF and
download has been aborted
6 to 0 TDA[6:0] All 0
R/W
Transfer Destination Address
These bits specify the download start address. A value from
H'00 to H'05 can be set to specify the download start address in
on-chip RAM in 2-kbyte units.
A value from H'06 to H'7F cannot be set. If such a value is set,
the TDER bit (bit 7) in this register is set to 1 to prevent
download from being executed.
H'00: Download start address is set to H'FFF81000
H'01: Download start address is set to H'FFF81800
H'02: Download start address is set to H'FFF82000
H'03: Download start address is set to H'FFF82800
H'04: Download start address is set to H'FFF83000
H'05: Download start address is set to H'FFF83800
H'06 to H'7F: Setting prohibited. If this value is set, the TDER bit
(bit 7) is set to 1 to abort the download processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com