Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 931 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 931 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 927Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 928Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 929Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 930Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 931Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 932Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 933Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 934Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 935Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 931 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 907 of 1200
REJ09B0344-0200
the checking method of download results, see section 21.5.2 (2), Programming Procedure in User
Program Mode.
Bit:
Initial value:
R/W:
7654321
0
--------
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
--
-
-
-
SS
FK
SF
Bit
Bit Name
Initial
Value
R/W
Description
7 to 3
⎯
Undefined
R/W
Unused
Return 0.
2
SS
Undefined
R/W
Source Select Error Detect
The on-chip program which can be downloaded can be
specified as only one type. When more than two types
of the program are selected, the program is not
selected, or the program is selected without mapping,
an error occurs.
0: Download program can be selected normally
1: Download error occurs (Multi-selection or program
which is not mapped is selected)
1
FK
Undefined
R/W
Flash Key Register Error Detect
Returns the check result whether the value of FKEY is
set to H'A5.
0: FKEY setting is normal (FKEY = H'A5)
1: FKEY setting is abnormal (FKEY = value other than
H'A5)
0
SF
Undefined
R/W
Success/Fail
Returns the result whether download has ended
normally or not.
0: Downloading on-chip program has ended normally
(no error)
1: Downloading on-chip program has ended abnormally
(error occurs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com