Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 932 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 932 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 928Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 929Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 930Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 931Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 932Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 933Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 934Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 935Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 936Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 932 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 908 of 1200
REJ09B0344-0200
(2)
Programming/Erasing Initialization
The on-chip programming/erasing program to be downloaded includes the initialization program.
The specified period pulse must be applied when programming or erasing. The specified pulse
width is made by the method in which wait loop is configured by the CPU instruction. The
operating frequency of the CPU must be set. Since the user branch function is supported, the user
branch destination address must be set.
The initial program is set as a parameter of the programming/erasing program which has
downloaded these settings.
(2.1) Flash Programming/Erasing Frequency Parameter (FPEFEQ: General Register R4 of
CPU)
This parameter sets the operating frequency of the CPU.
The flash programming/erasing frequency I
φ of this LSI is limited to 32 to 40 MHz.
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
----------------
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
----------------
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
----------------
F15
F14
F13
F12
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
F0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com