Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 936 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 936 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 932Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 933Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 934Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 935Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 936Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 937Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 938Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 939Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 940Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 936 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 912 of 1200
REJ09B0344-0200
(3)
Programming Execution
When flash memory is programmed, the programming destination address and programming data
on the user MAT must be passed to the programming program in which the program data is
downloaded.
1. The start address of the programming destination on the user MAT is set in general register R5
of the CPU. This parameter is called FMPAR (flash multipurpose address area parameter).
Since the program data is always in 256-byte units, the lower eight bits (MOA7 to MOA0)
must be H'00 as the boundary of the programming start address on the user MAT.
2. The program data for the user MAT must be prepared in the consecutive area. The program
data must be in the consecutive space which can be accessed by using the MOV.B instruction
of the CPU and is not the flash memory space.
When data to be programmed does not satisfy 256 bytes, the 256-byte program data must be
prepared by embedding the dummy code (H'FF).
The start address of the area in which the prepared program data is stored must be set in
general register R4. This parameter is called FMPDR (flash multipurpose data destination area
parameter).
For details on the programming procedure, see section 21.5.2, User Program Mode.
(3.1) Flash Multipurpose Address Area Parameter (FMPAR: General Register R5 of CPU)
This parameter indicates the start address of the programming destination on the user MAT.
When an address in an area other than the flash memory space is set, an error occurs.
The start address of the programming destination must be at the 256-byte boundary. If this
boundary condition is not satisfied, an error occurs. The error occurrence is indicated by the WA
bit (bit 1) in FPFR.
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
----------------
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
----------------
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
MOA31 MOA30 MOA29 MOA28 MOA27 MOA26 MOA25 MOA24 MOA23 MOA22 MOA21 MOA20 MOA19 MOA18 MOA17 MOA16
MOA15 MOA14 MOA13 MOA12 MOA11 MOA10 MOA9
MOA8
MOA7
MOA6
MOA5
MOA4
MOA3
MOA2
MOA1
MOA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com