Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 937 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 937 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 933Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 934Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 935Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 936Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 937Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 938Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 939Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 940Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 941Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 937 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 913 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 MOA31 to
MOA0
Undefined
R/W
MOA31 to MOA0
Store the start address of the programming destination
on the user MAT. The consecutive 256-byte
programming is executed starting from the specified
start address of the user MAT. The MOA7 to MOA0 bits
are always 0 because the start address of the
programming destination is at the 256-byte boundary.
(3.2) Flash Multipurpose Data Destination Area Parameter (FMPDR: General Register R4
of CPU)
This parameter indicates the start address in the area which stores the data to be programmed in
the user MAT. When the storage destination of the program data is in flash memory, an error
occurs. The error occurrence is indicated by the WD bit (bit 2) in FPFR.
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
----------------
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
----------------
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
MOD31 MOD30 MOD29 MOD28 MOD27 MOD26 MOD25 MOD24 MOD23 MOD22 MOD21 MOD20 MOD19 MOD18 MOD17 MOD16
MOD15 MOD14 MOD13 MOD12 MOD11 MOD10 MOD9
MOD8
MOD7
MOD6
MOD5
MOD4
MOD3
MOD2
MOD1
MOD0
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 MOD31 to
MOD0
Undefined
R/W
MOD31 to MOD0
Store the start address of the area which stores the
program data for the user MAT. The consecutive 256-
byte data is programmed to the user MAT starting from
the specified start address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com