Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 939 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 939 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 935Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 936Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 937Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 938Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 939Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 940Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 941Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 942Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 943Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 939 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 915 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
EE
Undefined
R/W
Programming Execution Error Detect
1 is returned to this bit when the specified data could
not be written because the user MAT was not erased or
when flash-memory related register settings are
partially changed on returning from the user branch
processing.
If this bit is set to 1, there is a high possibility that the
user MAT is partially rewritten. In this case, after
removing the error factor, erase the user MAT.
If FMATS is set to H'AA and the user boot MAT is
selected, an error occurs when programming is
performed. In this case, both the user MAT and user
boot MAT are not rewritten.
Programming of the user boot MAT must be executed
in boot mode or programmer mode.
0: Programming has ended normally
1: Programming has ended abnormally (programming
result is not guaranteed)
4
FK
Undefined
R/W
Flash Key Register Error Detect
Returns the check result of the value of FKEY before
the start of the programming processing.
0: FKEY setting is normal (FKEY = H'5A)
1: FKEY setting is error (FKEY = value other than H'5A)
3
⎯
Undefined
R/W
Unused
Return 0.
2
WD
Undefined
R/W
Write Data Address Error Detect
When an address in the flash memory area is specified
as the start address of the storage destination of the
program data, an error occurs.
0: Setting of write data address is normal
1: Setting of write data address is abnormal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com