Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 943 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 943 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 939Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 940Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 941Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 942Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 943Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 944Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 945Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 946Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 947Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 943 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 919 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
EE
Undefined
R/W
Erasure Execution Error Detect
1 is returned to this bit when the user MAT could not be
erased or when flash-memory related register settings
are partially changed on returning from the user branch
processing.
If this bit is set to 1, there is a high possibility that the
user MAT is partially erased. In this case, after
removing the error factor, erase the user MAT.
If FMATS is set to H'AA and the user boot MAT is
selected, an error occurs when erasure is performed. In
this case, both the user MAT and user boot MAT are
not erased.
Erasure of the user boot MAT must be executed in boot
mode or programmer mode.
0: Erasure has ended normally
1: Erasure has ended abnormally (erasure result is not
guaranteed)
4
FK
Undefined
R/W
Flash Key Register Error Detect
Returns the check result of FKEY value before start of
the erasing processing.
0: FKEY setting is normal (FKEY = H'5A)
1: FKEY setting is error (FKEY = value other than H'5A)
3
EB
Undefined
R/W
Erase Block Select Error Detect
Returns the check result whether the specified erase-
block number is in the block range of the user MAT.
0: Setting of erase-block number is normal
1: Setting of erase-block number is abnormal
2, 1
⎯
Undefined
R/W
Unused
Return 0.
0
SF
Undefined
R/W
Success/Fail
Indicates whether the erasing processing has ended
normally or not.
0: Erasure has ended normally (no error)
1: Erasure has ended abnormally (error occurs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com