Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 944 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 944 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 940Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 941Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 942Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 943Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 944Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 945Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 946Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 947Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 948Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 944 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 920 of 1200
REJ09B0344-0200
21.5
On-Board Programming Mode
When the pin is set in on-board programming mode and the reset start is executed, the on-board
programming state that can program/erase the on-chip flash memory is entered. On-board
programming mode has three operating modes: user program mode, user boot mode, and boot
mode.
For details on the pin setting for entering each mode, see table 21.1. For details on the state
transition of each mode for flash memory, see figure 21.2.
21.5.1
Boot Mode
Boot mode executes programming/erasing user MAT and user boot MAT by means of the control
command and program data transmitted from the host using the on-chip SCI. The tool for
transmitting the control command and program data must be prepared in the host. The SCI
communication mode is set to asynchronous mode. When reset start is executed after this LSI's pin
is set in boot mode, the boot program in the microcontroller is initiated. After the SCI bit rate is
automatically adjusted, the communication with the host is executed by means of the control
command method.
The system configuration diagram in boot mode is shown in figure 21.6. For details on the pin
setting in boot mode, see table 21.1. Interrupts are ignored in boot mode, so do not generate them.
Note that the AUD cannot be used during boot mode operation.
Host
RXD1
TXD1
Control command,
analysis execution
software (on-chip)
Flash
memory
On-chip RAM
On-chip SCIF
This LSI
Boot
programming
tool and program
data
Control command, program data
Reply response
Figure 21.6 System Configuration in Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com