Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 945 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 945 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 941Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 942Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 943Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 944Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 945Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 946Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 947Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 948Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 949Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 945 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 921 of 1200
REJ09B0344-0200
(1)
SCIF Interface Setting by Host
When boot mode is initiated, this LSI measures the low period of asynchronous SCIF-
communication data (H'00), which is transmitted consecutively by the host. The SCIF
transmit/receive format is set to 8-bit data, 1 stop bit, and no parity. This LSI calculates the bit rate
of transmission by the host by means of the measured low period and transmits the bit adjustment
end sign (1 byte of H'00) to the host. The host must confirm that this bit adjustment end sign
(H'00) has been received normally and transmits 1 byte of H'55 to this LSI. When reception is not
executed normally, boot mode is initiated again (reset) and the operation described above must be
executed. The bit rate between the host and this LSI is not matched because of the bit rate of
transmission by the host and system clock frequency of this LSI. To operate the SCIF normally,
the transfer bit rate of the host must be set to 9,600 bps or 19,200 bps.
The system clock frequency which can automatically adjust the transfer bit rate of the host and the
bit rate of this LSI is shown in table 21.7. Boot mode must be initiated in the range of this system
clock.
D0
D1
D2
D3
D4
D5
D6
D7
Start
bit
Stop bit
Measure low period (9 bits) (data is H'00)
High period of
at least 1 bit
Figure 21.7 Automatic Adjustment Operation of SCIF Bit Rate
Table 21.7
Peripheral Clock (P
φ) Frequency that Can Automatically Adjust Bit Rate of
This LSI
Host Bit Rate
Peripheral Clock (P
φ) Frequency That Can Automatically Adjust LSI's Bit
Rate
9,600 bps
32 to 40 MHz
19,200 bps
32 to 40 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com