Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 941 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 941 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 937Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 938Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 939Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 940Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 941Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 942Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 943Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 944Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 945Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 941 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 917 of 1200
REJ09B0344-0200
(4)
Erasure Execution
When flash memory is erased, the erase-block number on the user MAT must be passed to the
erasing program which is downloaded. This is set to the FEBS parameter (general register R4).
One block is specified from the block number 0 to 15.
For details on the erasing procedure, see section 21.5.2, User Program Mode.
(4.1) Flash Erase Block Select Parameter (FEBS: General Register R4 of CPU)
This parameter specifies the erase-block number. Several block numbers cannot be specified.
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
----------------
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
----------------
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
----------------
-
-
-
-
-
-
-
-
EBS[7:0]
Bit
Bit Name
Initial
Value
R/W
Description
31 to 8
⎯
Undefined
R/W
Unused
Return 0.
7 to 0
EBS[7:0]
Undefined
R/W
Set the erase-block number in the range from 0 to 11. 0
corresponds to the EB0 block and 11 corresponds to
the EB11 block. An error occurs when a number other
than 0 to 11 (H'00 to H'0B) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com