Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 934 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 934 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 930Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 931Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 932Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 933Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 934Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 935Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 936Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 937Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 938Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 934 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 910 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 UA31 to
UA0
Undefined
R/W
User Branch Destination Address
When the user branch is not required, address 0
(H'00000000) must be set.
The user branch destination must be an area other than
the flash memory, an area other than the RAM area in
which on-chip program has been transferred, or the
external bus space.
Note that the CPU must not branch to an area without
the execution code and get out of control. The on-chip
program download area and stack area must not be
overwritten. If CPU runaway occurs or the download
area or stack area is overwritten, the value of flash
memory cannot be guaranteed.
The download of the on-chip program, initialization,
initiation of the programming/erasing program must not
be executed in the processing of the user branch
destination. Programming or erasing cannot be
guaranteed when returning from the user branch
destination. The program data which has already been
prepared must not be programmed.
Store general registers R8 to R15. General registers R0
to R7 are available without storing them.
Moreover, the programming/erasing interface registers
must not be written to in the processing of the user
branch destination.
After the processing of the user branch has ended, the
programming/erasing program must be returned to by
using the RTS instruction.
For the execution intervals of the user branch
processing, see note 2 (User branch processing
intervals) in section 21.7.3, Other Notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com