Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 933 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 933 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 929Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 930Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 931Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 932Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 933Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 934Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 935Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 936Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 937Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 933 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 909 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
31 to
16
⎯
Undefined
R/W
Unused
Return 0.
15 to 0 F15 to F0
Undefined
R/W
Frequency Set
Set the operating frequency I
φ of the CPU following the
calculation below.
I
φ = F[15:0] × 104 Hz
1. Round it off to the digit of 1 kHz, and round down the
lower digits.
2. For example, when I
φ = 33.333 MHz, set as follows:
(1)
I
φ = 3333 × 104 Hz
(2)
F[15:0] = 3333 (H'0D05)
(3)
Set R4 (FPEFEQ) to H'00000D05.
(2.2) Flash User Branch Address Setting Parameter (FUBRA: General Register R5 of CPU)
This parameter sets the user branch destination address. The user program which has been set can
be executed in specified processing units when programming and erasing.
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
----------------
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
----------------
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
UA31
UA30
UA29
UA28
UA27
UA26
UA25
UA24
UA23
UA22
UA21
UA20
UA19
UA18
UA17
UA16
UA15
UA14
UA13
UA12
UA11
UA10
UA9
UA8
UA7
UA6
UA5
UA4
UA3
UA2
UA1
UA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com