Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 927 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 927 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 923Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 924Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 925Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 926Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 927Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 928Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 929Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 930Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 931Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 927 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 903 of 1200
REJ09B0344-0200
(5)
Flash MAT Select Register (FMATS)
FMATS specifies whether user MAT or user boot MAT is selected.
Bit:
Initial value:
R/W:
7654321
0
0/1
0
0/1
0
0/1
0
0/1
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
MS7
MS6
MS5
MS4
MS3
MS2
MS1
MS0
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
MS7
MS6
MS5
MS4
MS3
MS2
MS1
MS0
0/1
0
0/1
0
0/1
0
0/1
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
MAT Select
These bits are in user-MAT selection state when a value
other than H'AA is written and in user-boot-MAT selection
state when H'AA is written.
The MAT is switched by writing a value in FMATS with the
on-chip RAM instruction.
When the MAT is switched, follow section 21.7.1,
Switching between User MAT and User Boot MAT. (The
user boot MAT cannot be programmed in user program
mode if user boot MAT is selected by FMATS. The user
boot MAT must be programmed in boot mode or in
programmer mode.)
H'AA: The user boot MAT is selected (in user-MAT
selection state when the value of these bits are
other than H'AA)
Initial value when these bits are initiated in user
boot mode.
H'00: Initial value when these bits are initiated in a mode
except for user boot mode (in user-MAT selection
state)
[Programmable condition]
These bits are in the execution state in the on-chip RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com