Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 924 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 924 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 920Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 921Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 922Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 923Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 924Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 925Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 926Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 927Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 928Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 924 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 900 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
0
SCO
0
(R)/W
Source Program Copy Operation
Requests the on-chip programming/erasing program to be
downloaded to the on-chip RAM.
When this bit is set to 1, the on-chip program which is
selected by FPCS/FECS is automatically downloaded in
the on-chip RAM area specified by FTDAR.
In order to set this bit to 1, H'A5 must be written to FKEY
and this operation must be in the on-chip RAM.
Thirty-two NOP instructions must be executed
immediately after setting this bit to 1.
For interrupts during download, see section 21.7.2,
Interrupts during Programming/Erasing. For the download
time, see section 21.7.3, Other Notes.
Since this bit is cleared to 0 when download is completed,
this bit cannot be read as 1.
Download by setting the SCO bit to 1 requires a special
interrupt processing that performs bank switching to the
on-chip program storage area. Therefore, before issuing a
download request (SCO = 1), set VBR to H'80000000.
Otherwise, the CPU gets out of control. Once download
end is confirmed, VBR can be changed to any other value.
The mode in which the FWE pin is high must be used
when using the SCO function.
0: Download of the on-chip programming/erasing program
to the on-chip RAM is not executed.
[Clearing condition]
When download is completed
1: Request that the on-chip programming/erasing program
is downloaded to the on-chip RAM is generated
[Setting conditions]
When all of the following conditions are satisfied and 1 is
written to this bit
• FKEY is written to H'A5
• During execution in the on-chip RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com