Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 920 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 920 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 916Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 917Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 918Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 919Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 920Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 921Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 922Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 923Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 924Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 920 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 896 of 1200
REJ09B0344-0200
Table 21.4 (1)
Register Configuration
Register Name
Abbreviation
R/W
Initial
Value
Address
Access
Size
Flash code control and status
register
FCCS
R, W*
1
H'00*
2
H'80*
2
H'8000C000
8
Flash program code select register
FPCS
R/W
H'00
H'8000C001
8
Flash erase code select register
FECS
R/W
H'00
H'8000C002
8
Flash key code register
FKEY
R/W
H'00
H'8000C004
8
Flash MAT select register
FMATS
R/W
H'00*
3
H'AA*
3
H'8000C005
8
Flash transfer destination address
register
FTDAR
R/W
H'00
H'8000C006
8
Notes: 1. The bits except the SCO bit are read-only bits. The SCO bit is a programming-only bit.
(The value which can be read is always 0.)
2. The initial value of the FWE bit is 0 when the FWE pin goes low.
The initial value of the FWE bit is 1 when the FWE pin goes high.
3. The initial value at initiation in user mode or user program mode is H'00.
The initial value at initiation in user boot mode is H'AA.
Table 21.4 (2)
Parameter Configuration
Name
Abbreviation
R/W
Initial
Value
Address
Access
Size
Download pass/fail result
DPFR
R/W
Undefined
On-chip RAM* 8, 16, 32
Flash pass/fail result
FPFR
R/W
Undefined
R0 of CPU
8, 16, 32
Flash multipurpose address
area
FMPAR
R/W
Undefined
R5 of CPU
8, 16, 32
Flash multipurpose data
destination area
FMPDR
R/W
Undefined
R4 of CPU
8, 16, 32
Flash erase block select
FEBS
R/W
Undefined
R4 of CPU
8, 16, 32
Flash program and erase
frequency control
FPEFEQ
R/W
Undefined
R4 of CPU
8, 16, 32
Flash user branch address
set parameter
FUBRA
R/W
Undefined
R5 of CPU
8, 16, 32
Note:
*
One byte of the start address in the on-chip RAM area specified by FTDAR is valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com