Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 922 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 922 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 918Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 919Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 920Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 921Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 922Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 923Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 924Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 925Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 926Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 922 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 898 of 1200
REJ09B0344-0200
21.4.2
Programming/Erasing Interface Registers
The programming/erasing interface registers are as described below. They are all 8-bit registers
that can be accessed in bytes.
(1)
Flash Code Control and Status Register (FCCS)
FCCS is configured by bits which request the monitor of the FWE pin state and error occurrence
during programming or erasing flash memory and the download of the on-chip program.
Bit:
Initial value:
R/W:
7654321
0
1/0
1/0
0
0
0
0
0
0
RRRRRRR
(R)/W
FWE
MAT
-
FLER
-
-
-
SCO
Bit
Bit Name
Initial
Value
R/W
Description
7
FWE
1/0
R
Flash Programming Enable
Monitors the level which is input to the FWE pin that
performs hardware protection of the flash memory
programming or erasing. The initial value is 0 or 1
according to the FWE pin state.
0: When the FWE pin goes low (in hardware protection
state)
1: When the FWE pin goes high
6
MAT
1/0
R
MAT Bit
Indicates whether the user MAT or user boot MAT is
selected.
0: User MAT is selected
1: User boot MAT is selected
5
⎯
0
R
Reserved
This bit is always read as 0. The write value should always
be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com