Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1016 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1016 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1012Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1013Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1014Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1015Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1016Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1017Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1018Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1019Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1020Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1016 / 1228 page
background image
Section 23 Power-Down Modes
Rev. 2.00 May. 08, 2008 Page 992 of 1200
REJ09B0344-0200
Table 23.1
States of Power-Down Modes
State*
Power-Down
Mode
Transition Conditions
CPG
CPU
CPU
Register
On-Chip
Memory
On-Chip
Peripheral
Modules
External
Memory
Canceling
Procedure
Sleep mode
Execute SLEEP
instruction with STBY bit
cleared to 0 in STBCR
Runs
Halts
Held
Runs
(RAM)
Halts
(Flash memory)
Runs
Auto-
refreshing
•
Interrupt
•
Manual reset
•
Power-on reset
•
DMA address
error
Software
standby mode
Execute SLEEP
instruction with STBY bit
set to 1 in STBCR
Halts
Halts
Held
Halts
(contents are
held)
Halts
Self-
refreshing
•
NMI interrupt
•
IRQ interrupt
•
Manual reset
•
Power-on reset
Module standby
function
Set the MSTP bits in
STBCR2, STBCR3, and
STBCR4 to 1
Runs
Runs
Held
Specified
module halts
(contents are
held)
Specified
module halts
Auto-
refreshing
•
Clear MSTP bit
to 0
•
Power-on reset
(only for H-UDI,
UBC, and
DMAC)
Note:
*
The pin state is retained or set to high impedance. For details, see appendix A, Pin
States.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com